PART |
Description |
Maker |
0307400000 |
Cross-connector / link for modular terminal, Crossconnection slider, No. of poles: 4
|
Weidmuller
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
KPLT1280A |
Photo Link Connector
|
COSMO[COSMO Electronics Corporation]
|
KPLR1320B |
Photo Link Connector
|
COSMO[COSMO Electronics Corporation]
|
KPLR1320AD |
Photo Link Connector
|
COSMO[COSMO Electronics Corporation]
|
2-104352-1 2-104352-0 1-104352-2 1-104352-6 |
HEADER ASSY, MOD II, BREAKAWAY, DBL ROW, .100X .100 VERT, .025 SQ POSTS W/ HOLD- OWN CONFIG HEADER ASSY, MOD II, BREAKAWY, DBL ROW, .100X.100 VERT, .025 SQ POSTS W/ HOLD- DOWN CONFIG 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Tyco Electronics
|
AT83C23OK203-SIRIM AT83C23OK203-SISIM AT83C23OK203 |
CardManSmart@Link SPECIALTY MICROPROCESSOR CIRCUIT, PQFP32 CardManSmart@Link SPECIALTY MICROPROCESSOR CIRCUIT, QCC32 CardManSmart@Link SPECIALTY MICROPROCESSOR CIRCUIT, QCC28 CardMan??Smart@Link
|
Atmel Corp. Atmel, Corp.
|
HFBR-2537 HFBR2521 HFBR2537 HFBR-0501 HFBR2528 HFB |
HFBR-2533 · 40 kBd 600nm Low Current/Extended Distance Link Receiver in Vertical Package HFBR-2531 · 5 MBd 600nm High Performance Link Receiver in Vertical Package HFBR-2522 · 1 MBd 600nm High Performance Link Receiver in Horizontal Package HFBR-2524 · 1 MBd 600nm Standard Link Receiver in Horizontal Package HFBR-2523 · 40 kBd 600nm Low Current/Extended Distance Link Receiver in Horizontal Package HFBR-2532 · 1 MBd 600nm High Performance Link Receiver in Vertical Package HFBR-1533 · 40 kBd 600nm Low Current/Extended Distance Link Transmitter in Vertical Package HFBR-1532 · 1 MBd 600nm High Performance Link Transmitter in Vertical Package HFBR-1531 · 5 MBd 600nm High Performance Link Transmitter in Vertical Package HFBR-1522 · 1 MBd 600nm High Performance Link Transmitter in Horizontal Package HFBR-2521 · 5 MBd 600nm High Performance Link Receiver in Horizontal Package HFBR-1523 · 40 kBd 600nm Low Current/Extended Distance Link Transmitter in Horizontal Package HFBR-0501 · Evaluation Kit for DC to 5 MBd TTL Applications with Plastic Optical Fibers (HFBR-x5xx) Versatile Link The Versatile Fiber Optic Connection
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) Hewlett-Packard / Agilent
|
0743232051 74323-2051 |
MicroCross DVI Digital Single Link, High Volume Plug Connector Sub- assemblyESD Type, Gold (Au) Flash, Vertical, with key, 18 Circuits, Lead Free MicroCross垄芒 DVI Digital Single Link, High Volume Plug Connector Sub- assemblyESD Type, Gold (Au) Flash, Vertical, with key, 18 Circuits, Lead Free
|
Molex Electronics Ltd.
|
V23814-U1306-M130 V23815-U1306-M130 V23815-U1306-M |
SPECIALTY TELECOM CIRCUIT, XFO72 1.6 Gbit/s Rx Parallel Optical Link (... 1.6 Gbit/s Tx Parallel Optical Link (... Parallel Optical Link: PAROLI T X AC, 1.6 Gbit/s 并行光链路:帕罗利德克萨斯州交流.6 Gbit / s
|
INFINEON[Infineon Technologies AG]
|